PART |
Description |
Maker |
FSUSB4008 FSUSB40L10X FSUSB40UMX |
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
|
Fairchild Semiconductor
|
FSUSB3007 |
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
|
Fairchild Semiconductor
|
FSUSB30L10X12 FSUSB3012 |
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
|
Fairchild Semiconductor
|
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
USB-8472 NIUSB-8472 NIUSB-8472S NIUSB-8473 NIUSB-8 |
1-port interfaces for high-speed CAN,low-speed/fault-tolerant CAN, and LIN
|
http://
|
IDT7132SA100L48I IDT71321SA55TF IDT7142LA35CI IDT7 |
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS 2K X 8 DUAL-PORT SRAM, 55 ns, PQFP64 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS 2K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 P-Channel 1.8V Specified PowerTrench MOSFET 2K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS 2K X 8 DUAL-PORT SRAM, 20 ns, PQFP64 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS 2K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS 2K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS 高K × 8双端口静态RAM的中
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] http://
|
IDT70V05L15GI IDT70V05L20GI IDT70V05L35GI IDT70V05 |
8K x 8 3.3v Dual-Port RAM Part Sensing Light Screen; Light Curtain Type:Parts Sensing; Control Output Type:NPN & PNP; Protection Height:67mm; Sensing Range Max:2m; Supply Voltage Max:30VDC; Sensing Range Min:150mm; Supply Voltage:30VDC High Speed JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 Dual OpAmp With Internal Reference 8-SOIC -40 to 105 20V N & P-Channel PowerTrench MOSFETs HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 55 ns, PQFP64
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
AD847 AD847AQ AD847AR AD847JN AD847JR AD847SQ AD84 |
High Speed Low Power Monolithic Op Amp Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style High Speed, Low Power Monolithic Op Amp
|
AD[Analog Devices] HP
|
IDT70V24L IDT70V24L15PFG IDT70V25TS15JGI IDT70V25T |
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM True Dual-Ported memory cells which allow simultaneous reads of the same memory location 8K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 4K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 3.3V STATIC RAM
|
Integrated Device Technology List of Unclassifed Manufacturers INTEGRATED DEVICE TECHNOLOGY INC List of Unclassifed Man... Integrated Device Techn...
|
746LT3 738BT3 738LT4 746LT1 746LT2 746BT4 730BT1 7 |
Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver 4-Port LVDS and LVTTL-to-LVDS Repeaters High-Precision Clock Generators with Integrated VCXO Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators 模拟IC Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators 模拟IC Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators 模拟IC
|
Aavid Thermalloy, LLC Renesas Electronics, Corp. Vishay Intertechnology, Inc.
|
|